Part Number Hot Search : 
KBJ35 11EWA AT88SC D2475B AD974 ALD1116 5HA2D 20KW240
Product Description
Full Text Search
 

To Download BAT54AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features low forward voltage guard ring protected very small smd package. electrical characteristics ta = 25 parameter symbol conditions max unit i f = 0.1 ma 240 i f = 1 ma 320 i f = 10 ma 400 i f = 30 ma 500 i f = 100 ma 800 reverse current i r v r =25v;note1 2 a when switched from i f =10mato i r =10ma;r l = 100 measured at i r =1ma diode capacitance c d f=1mhz;v r = 1 v; 10 pf note 1. pulse test: t p 300 s; ? 0.02. reverse recovery time t rr mv 5ns v f forward voltage marking type bat54w BAT54AW bat54cw bat54sw markingl4424344 absolute maximum ratings ta = 25 parameter symbol conditions min max unit continuous reverse voltage v r 30 v continuous forward current i f 200 ma repetitive peak forward current i frm tp 1s;d 0.5 300 ma non-repetitive peak forward current i fsm t p < 10 ms 600 ma total power dissipation (per package) p tot t amb 25 200 mw storage temperature t stg -65 +150 junction temperature t j 125 operating ambient temperature t amb -65 +125 thermal resistance from junction to ambient r th j-a 625 k/w bat54w series product specification sales@twtysemi.com 1 of 1 http://www.twtysemi.com 4008-318-123


▲Up To Search▲   

 
Price & Availability of BAT54AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X